Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SIM800 Fiches technique(PDF) 206 Page - SIMCom

No de pièce SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIMCOM [SIMCom]
Site Internet  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Fiches technique(HTML) 206 Page - SIMCom

Back Button SIM800 Datasheet HTML 202Page - SIMCom SIM800 Datasheet HTML 203Page - SIMCom SIM800 Datasheet HTML 204Page - SIMCom SIM800 Datasheet HTML 205Page - SIMCom SIM800 Datasheet HTML 206Page - SIMCom SIM800 Datasheet HTML 207Page - SIMCom SIM800 Datasheet HTML 208Page - SIMCom SIM800 Datasheet HTML 209Page - SIMCom SIM800 Datasheet HTML 210Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
206
2015-08-03
Parameters
See Write Command
Response
OK
ERROR
Write Command
AT+SDMODE=<
mode>
Parameters
<mode>
0 SD card function is invalid
1 SD card function is valid
Parameter Saving
Mode
AT&W_SAVE
Max
Response
Time
-
Reference
Note:
If user set <mode> from 0 to 1, user should execute "AT&W"
command to save this setting, and then reboot the module by AT
command or pwrkey.
Part of the project supported by this AT command, please refer to
chapter 21 for details.
6.2.79 AT+SRSPT
Control SMS Retransmission
AT+SRSPT
Control SMS Retransmission
Response
+ SRSPT: (0,1)
OK
Test Command
AT+SRSPT=?
Parameters
See Write Command
Response
+ SRSPT: <n>
OK
Read Command
AT+SRSPT?
Parameters
See Write Command
Response
OK
ERROR
Write Command
AT+SRSPT=<n>
Parameters
<n>
0
Enable SMS retransmission
1
Disable SMS retransmission



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More