| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 194 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 194 Page - SIMCom |
|
194 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 194 2015-08-03 6.2.62 AT+CAGCSET Close or Open AGC Function AT+CAGCSET Close or Open AGC Funcion Response +CAGCSET: (0,1) OK Test Command AT+CAGCSET= ? Parameters See Write Command Response +CAGCSET: <mode> OK Read Command AT+CAGCSET? Parameters See Write Command Response OK ERROR Write Command AT+CAGCSET= <mode> Parameters <mode> 0 Close AGC function 1 Open the AGC function Parameter Saving Mode NO_SAVE Max Response Time - Reference Note 6.2.63 AT+SD2PCM SD and PCM Switch Function AT+SD2PCM SD and PCM Switch Function Response +SD2PCM: (0,1) OK Test Command AT+SD2PCM=? Parameters See Write Command Response +SD2PCM: <mode> OK Read Command AT+SD2PCM? Parameters See Write Command |