| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 192 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 192 Page - SIMCom |
|
192 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 192 2015-08-03 Parameters <format> 0 MSB 1 LSB Parameter Saving Mode NO_SAVE Max Response Time - Reference Note Part of the projects supported by this AT command, please refer to chapter 21 for details. 6.2.60 AT+CPCMSYNC Set PCM Sync Parameter AT+CPCMSYNC Set PCM Sync Parameter Response +CPCMSYNC: (0-1),(1-8) OK Test Command AT+CPCMSYN C=? Parameters See Write Command Response +CPCMSYNC: <sync>, <length> OK Read Command AT+CPCMSYN C? Parameters See Write Command Response OK ERROR Write Command AT+CPCMSYN C=<sync>,<lengt h> Parameters <sync> 0 PCM short sync 1 PCM long sync <length> 1-8 PCM sync length(1-8) Parameter Saving Mode NO_SAVE Max Response Time - Reference Note The <length> is only supported 1 when PCM sync is short sync. Part of the projects supported by this AT command, please refer to chapter 21 for details. |