Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SIM800 Fiches technique(PDF) 198 Page - SIMCom

No de pièce SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIMCOM [SIMCom]
Site Internet  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Fiches technique(HTML) 198 Page - SIMCom

Back Button SIM800 Datasheet HTML 194Page - SIMCom SIM800 Datasheet HTML 195Page - SIMCom SIM800 Datasheet HTML 196Page - SIMCom SIM800 Datasheet HTML 197Page - SIMCom SIM800 Datasheet HTML 198Page - SIMCom SIM800 Datasheet HTML 199Page - SIMCom SIM800 Datasheet HTML 200Page - SIMCom SIM800 Datasheet HTML 201Page - SIMCom SIM800 Datasheet HTML 202Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 198 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
198
2015-08-03
OK
Parameters
See Write Command
Response
OK
Write Command
AT+CNETSCA
N=<format>
Parameters
<format> 0 Hide lac and bsic information
1 Show lac and bsic information
Response
If format’s value is 0:
Operator:"<Network_Operator_name>",MCC:<MCC>,MNC:<MNC>
,Rxlev:<Rxlev>,Cellid:<CellID>,Arfcn:<Arfcn>[<CR><LF>Operator:
"<Network_Operator_name2>",MCC:<MCC2>,MNC:<MNC2>,Rxlev
:<Rxlev2>,Cellid:<CellID2>,Arfcn:<Arfcn2>[…]]
If format’s value is 1:
Operator:"<Network_Operator_name>",MCC:<MCC>,MNC:<MNC>
,Rxlev:<Rxlev>,Cellid:<CellID>,Arfcn:<Arfcn>,Lac:<Lac>,Bsic:<Bsic
>[<CR><LF>Operator:"<Network_Operator_name2>",MCC:<MCC2
>,MNC:<MNC2>,Rxlev:<Rxlev2>,Cellid:<CellID2>,Arfcn:<Arfcn2>,L
ac:<Lac2>,Bsic:<Bsic2>[…]]
OK
Execution
Command
AT+CNETSCA
N
Parameters
<Network_Operator_name> Long format alphanumeric of network
operator.
<MCC> Mobile country code.
<MNC> Mobile network code.
<Rxlev> Recieve level, in decimal format.
<CellID> Cell identifier, in hexadecimal format.
<Arfcn> Absolute radio frequency channel number, in decimal format.
<Lac> Location area code, in hexadecimal format.
<Bsic> Base station identity code, in hexadecimal format.
Parameter Saving
Mode
NO_SAVE
Max
Response
Time
45s
Reference
Note
6.2.68 AT+CMNRP
Dual Serial Port Feature
AT+CMNRP
Dual Serial Port Feature
Test Command
Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More