| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 190 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 190 Page - SIMCom |
|
190 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 190 2015-08-03 Response +SJDR: (0,1) OK Test Command AT+SJDR=? Parameters See Write Command Response +SJDR: <status> or +SJDR: <status>,<mode>,<var>,<display>,<result> OK Read Command AT+SJDR? Parameters See Write Command Response OK ERROR If error is related to ME functionality: +CME ERROR: <err> Unsolicited result codes supported: +SJDR: NO JAMMING or +SJDR: JAMMING DETECTED or +SJDR: INTERFERENCE DETECTED Write Command AT+SJDR=<status> [,<mode>][,<var>[,< display>]] Parameters <status> 0 Disable jamming detection 1 Enable jamming detection <mode> 0 Should inquire status by reading command 1 Only report jamming status via URC from serial port 2 Only report jamming status via the PIN 3 Report jamming status via URC as well as the PIN <var> The threshold to separate “+SJDR: JAMMING DETECTED” from “+SJDR: INTERFERENCE DETECTED” (while the signal strength variance is higher than <var>, there could be industrial interferences , and “+SJDR: INTERFERENCE DETECTED” is reported). 1-255(default value:255) |