Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SIM800 Fiches technique(PDF) 193 Page - SIMCom

No de pièce SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIMCOM [SIMCom]
Site Internet  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Fiches technique(HTML) 193 Page - SIMCom

Back Button SIM800 Datasheet HTML 189Page - SIMCom SIM800 Datasheet HTML 190Page - SIMCom SIM800 Datasheet HTML 191Page - SIMCom SIM800 Datasheet HTML 192Page - SIMCom SIM800 Datasheet HTML 193Page - SIMCom SIM800 Datasheet HTML 194Page - SIMCom SIM800 Datasheet HTML 195Page - SIMCom SIM800 Datasheet HTML 196Page - SIMCom SIM800 Datasheet HTML 197Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 193 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
193
2015-08-03
6.2.61 AT+CANT
Antenna Detecting
AT+CANT
Antenna Detecting
Response
+CANT:
(list
of
supported
<mode>s),(list
of
supported
<UrcEnable>s),(list of supported <timer>s)
OK
+CME ERROR: <err>
Test Command
AT+CANT=?
Parameters
See Write Command
Response
+CANT: <mode>, <UrcEnable>, <timer>
OK
+CME ERROR: <err>
Read Command
AT+CANT?
Parameters
See Write Command
Response
OK
+CANT: <status>
Write Command
AT+CANT=<mo
de>,<UrcEnable
>,<timer>
Parameters
<mode>
0
Disable the antenna detecting function
1
Enable the antenna detecting function
<UrcEnable>
0
Disable reporting antenna state by URC
1
Enable reporting antenna state by URC
<timer>
0-3600 Reporting timer in units of seconds, range:
0-3600. Set timer to 0 will close detect, the
recommend value is 10.
<status>
0
Connected normally
1
Connected to GND
2
Connected to other power source
3
Not connected
Parameter Saving
Mode
AT&W_SAVE
Max
Response
Time
-
Reference
Note
Part of the projects supported by this AT command, please refer to chapter
21 for details.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More