| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 189 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 189 Page - SIMCom |
|
189 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 189 2015-08-03 Parameter Saving Mode NO_SAVE Max Response Time - Reference Note The settting take effect at the current channel only 6.2.57 AT+DTAM Set TTS and RECORD Play Mode in Call AT+DTAM Set TTS and RECORD Play Mode in Call Response +DTAM: (0-2) OK Test Command AT+DTAM=? Parameters See Write Command Response +DTAM: <mode> OK Read Command AT+DTAM? Parameters See Write Command Response OK ERROR Write Command AT+DTAM=<mo de> Parameters <mode> TTS and record play mode 0 Local 1 Remote 2 Local and remote Parameter Saving Mode NO_SAVE Max Response Time - Reference Note This command takes effect only in call. TTS and record not in call only play locally no matter what the mode is. Setting takes effect before TTS or record play. 6.2.58 AT+SJDR Set Jamming Detection Function AT+SJDR Set Jamming Detection Funcition |