| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 185 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 185 Page - SIMCom |
|
185 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 185 2015-08-03 Parameter Saving Mode AT&W_SAVE Max Response Time - Reference Note 6.2.52 AT+CWHITELIST Set the White List AT+CWHITELIST Set the White List Response +CWHITELIST: (0-3) OK Test Command AT+CWHITELI ST=? Parameter See Write Command Response +CWHITELIST: <mode>[,<phone number1>,<phone number2>,…<phone number30>] OK Read Command AT+CWHITELI ST? Parameters See Write Command Response OK ERROR Write Command AT+CWHITELI ST=<mode>[,<in dex>,<phone number>] Parameters <mode> 0 Disable 1 Enable only call white list 2 Enable only SMS white list 3 Enable call and SMS white list <index> The index of phone number, scope: 1-30 <phone number> Phone number to be set Parameter Saving Mode AUTO_SAVE Max Response Time - Reference Note Parameter mode value is 1, can save white list phone number ,Other mode value can not save white list phone number. |