| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 373 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 373 Page - SIMCom |
|
373 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 373 2015-08-03 21 ATC Differences among SIM800 Series 21.1 AT+SIDET SIM800V, SIM840V,SIM800W, SIM840W,SIM800W16,SIM840W16 SIM800H,SIM800L,SIM800,SIM800M64, SIM808,SIM800C,SIM800A,SIM800F, SIM800C-DS AT+SIDET=? +SIDET: (0,1),(0-16) OK AT+SIDET=? If it is SIM800, SIM800M64,SIM800C, SIM800A,SIM800F +SIDET: (0, 2 ),(0-16) OK If it is SIM800H, SIM800L, SIM808 or SIM800C-DS +SIDET: (0-3),(0-16) OK Difference: 21.2 AT+CMIC SIM800V, SIM840V,SIM800W, SIM840W,SIM800W16,SIM840W16 SIM800H,SIM800L,SIM800,SIM800M64, SIM808,SIM800C,SIM800A,SIM800F, SIM800C-DS AT+CMIC=? +CMIC: (0,1),(0-15) OK AT+CMIC=? If it is SIM800, SIM800M64,SIM800C, SIM800A,SIM800F +CMIC: (0, 2 ),(0-15) OK If it is SIM800H, SIM800L, SIM808 or SIM800C-DS +CMIC: (0-3),(0-15) OK Difference: The default gain level of main audio channel is 10. The default gain level of aux audio channel is 11 in SIM800H, SIM800L, SIM808 and |