| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 370 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 370 Page - SIMCom |
|
370 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 370 2015-08-03 //report DTMF value and last time +DTMF:2,300 +DTMF:3,200 20.17 RECORD Commands Demonstration Syntax Expect Result Start record AT+CREC=1,1,0 //start record OK // the record id is 1, format is AMR Stop record AT+CREC=2 //stop record OK +CREC: 2,1,0,15,16386 //URC will be reported after stopping, which indicate the format,including record id, time in seconds, length in bytes Delete record AT+CREC=3,1 //delete record with id 1 OK Play record file AT+CREC=4,1,0,80 //play record file, channel is 0, the volume is 80 OK Stop play record file AT+CREC=5 //stop play record file +CREC: 0 OK //URC is reported to show statues IDLE Get record status AT+CREC? //get record status +CREC:2 OK //Rrecording ,delete and other play operations are not allowed when playing List record file information AT+CREC=7 //list record file list +CREC: 7,1,7728,0 +CREC: 7,2,53820,1 OK // two record file, one Is |