Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SIM800 Fiches technique(PDF) 375 Page - SIMCom

No de pièce SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIMCOM [SIMCom]
Site Internet  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Fiches technique(HTML) 375 Page - SIMCom

Back Button SIM800 Datasheet HTML 371Page - SIMCom SIM800 Datasheet HTML 372Page - SIMCom SIM800 Datasheet HTML 373Page - SIMCom SIM800 Datasheet HTML 374Page - SIMCom SIM800 Datasheet HTML 375Page - SIMCom SIM800 Datasheet HTML 376Page - SIMCom SIM800 Datasheet HTML 377Page - SIMCom SIM800 Datasheet HTML 378Page - SIMCom SIM800 Datasheet HTML 379Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 375 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
375
2015-08-03
HANDFREE_AUDIO)
OK
Difference:
In SIM800H, SIM800L, SIM808 and SIM800C-DS, channel 2 is the same with channel 0,
channel 3 is the same with channel 1.channel 4 is multiplexed.
SIM800G can not support this AT command.
21.5 AT+SGPIO
SIM800V, SIM840V,SIM800W,
SIM840W,SIM800W16,SIM840W16
SIM800H,SIM800L,SIM800,
SIM808,SIM800M64
AT+SGPIO=?
+SGPIO: (0-1),(1-11),(0-1),(0-1)
OK
AT+SGPIO=?
+SGPIO: (0-1),(1-7),(0-1),(0-1)
OK
Difference:
GPIO4 and GPIO5 only support the read operation in SIM800H, SIM800L, SIM800,
SIM800M64 and SIM808.
SIM800, SIM800M64 and SIM808 do not support GPIO1.
SIM800G and SIM800C, SIM800A, SIM800F and SIM800C-DS can not support this
command.
21.6 AT+SJDR
Jamming detection PIN takes effect only in SIM800H, SIM800L, SIM800, SIM800M64,
SIM808, SIM800C, SIM800A, SIM800F and SIM800C-DS.The Jamming detection PIN is
defined as follows.
Module Type
Jamming detection PIN
SIM800H/SIM800L
PIN5
SIM800/SIM800M64
PIN67
SIM808
PIN63
SIM800C
PIN29
SIM800A
PIN67
SIM800F
PIN67
SIm800C-DS
PIN29
SIM800V, SIM840V, SIM800W, SIM840W, SIM800W16 and SIM840W16 have no jamming
detection PIN to indicate JD status, only report jamming status via URC from serial port.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More