| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 369 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 369 Page - SIMCom |
|
369 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 369 2015-08-03 +DTMF:1 //report DTMF value +DTMF:2 +DTMF:3 Receive an incoming call ATA OK If module detected DTMF, URC will be reported via serial port +DTMF:1 //report DTMF value +DTMF:2 +DTMF:3 +DTMF:4 enable DTMF detection AT+DDET=1,1000,1 //start DDET, interval is 1000ms, report mode is 1 OK Set up a call connection ATD***********; OK If module detected DTMF, URC will be reported via serial port, the minimal interval between two identic DTMF is 1000ms. +DTMF:1,160 //report DTMF value and last time +DTMF:2,300 +DTMF:3,200 Receive an incoming call ATA OK If module detected DTMF, URC will be reported via serial port +DTMF:1,160 |