Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SIM800 Fiches technique(PDF) 345 Page - SIMCom

No de pièce SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIMCOM [SIMCom]
Site Internet  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Fiches technique(HTML) 345 Page - SIMCom

Back Button SIM800 Datasheet HTML 341Page - SIMCom SIM800 Datasheet HTML 342Page - SIMCom SIM800 Datasheet HTML 343Page - SIMCom SIM800 Datasheet HTML 344Page - SIMCom SIM800 Datasheet HTML 345Page - SIMCom SIM800 Datasheet HTML 346Page - SIMCom SIM800 Datasheet HTML 347Page - SIMCom SIM800 Datasheet HTML 348Page - SIMCom SIM800 Datasheet HTML 349Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 345 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
345
2015-08-03
185
It is in edit mode
186
It is not in edit mode
187
No content in the buffer
188
Not find the file
189
Failed to receive MMS
190
Failed to read MMS
191
Not M-Notification.ind
192
The MMS inclosure is full
193
Unknown
600
No Error
601
Unrecognized Command
602
Return Value Error
603
Syntax Error
604
Unspecified Error
605
Data Transfer Already
606
Action Already
607
Not At Cmd
608
Multi Cmd too long
609
Abort Cops
610
No Call Disc
611
BT SAP Undefined
612
BT SAP Not Accessible
613
BT SAP Card Removed
614
AT Not Allowed By Customer
753
missing required cmd parameter
754
invalid SIM command
755
invalid File Id
756
missing required P1/2/3 parameter
757
invalid P1/2/3 parameter
758
missing required command data
759
invalid characters in command data
765
Invalid input value
766
Unsupported mode
767
Operation failed
768
Mux already running
769
Unable to get control
770
SIM network reject
771
Call setup in progress



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More