Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SIM800 Fiches technique(PDF) 348 Page - SIMCom

No de pièce SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIMCOM [SIMCom]
Site Internet  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Fiches technique(HTML) 348 Page - SIMCom

Back Button SIM800 Datasheet HTML 344Page - SIMCom SIM800 Datasheet HTML 345Page - SIMCom SIM800 Datasheet HTML 346Page - SIMCom SIM800 Datasheet HTML 347Page - SIMCom SIM800 Datasheet HTML 348Page - SIMCom SIM800 Datasheet HTML 349Page - SIMCom SIM800 Datasheet HTML 350Page - SIMCom SIM800 Datasheet HTML 351Page - SIMCom SIM800 Datasheet HTML 352Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 348 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
348
2015-08-03
143
Unspecified TP-PID error
144
Data coding scheme (alphabet) not supported
145
Message class not supported
159
Unspecified TP-DCS error
160
Command cannot be acted
161
Command unsupported
175
Unspecified TP-Command error
176
TPDU not supported
192
SC busy
193
No SC subscription
194
SC system failure
195
Invalid SME address
196
Destination SME barred
197
SM Rejected-Duplicate SM
198
TP-VPF not supported
199
TP-VP not supported
208
SIM SMS storage full
209
No SMS storage capability in SIM
210
Error in MS
211
Memory Capacity Exceeded
212
SIM Application Toolkit Busy
213
SIM data download error
224
CP retry exceed
225
RP trim timeout
226
SMS connection broken
255
Unspecified error cause
300
ME failure
301
SMS reserved
302
operation not allowed
303
operation not supported
304
invalid PDU mode
305
invalid text mode
310
SIM not inserted
311
SIM pin necessary
312
PH SIM pin necessary
313
SIM failure



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More