Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SIM800 Fiches technique(PDF) 344 Page - SIMCom

No de pièce SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIMCOM [SIMCom]
Site Internet  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Fiches technique(HTML) 344 Page - SIMCom

Back Button SIM800 Datasheet HTML 340Page - SIMCom SIM800 Datasheet HTML 341Page - SIMCom SIM800 Datasheet HTML 342Page - SIMCom SIM800 Datasheet HTML 343Page - SIMCom SIM800 Datasheet HTML 344Page - SIMCom SIM800 Datasheet HTML 345Page - SIMCom SIM800 Datasheet HTML 346Page - SIMCom SIM800 Datasheet HTML 347Page - SIMCom SIM800 Datasheet HTML 348Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 344 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
344
2015-08-03
40
network personalisation PIN required
41
network personalisation PUK required
42
network subset personalisation PIN required
43
network subset personalisation PUK required
44
service provider personalisation PIN required
45
service provider personalisation PUK required
46
corporate personalisation PIN required
47
corporate personalisation PUK required
99
resource limitation
100
unknown
103
Illegal MS
106
Illegal ME
107
GPRS services not allowed
111
PLMN not allowed
112
Location area not allowed
113
Roaming not allowed in this location area
132
service option not supported
133
requested service option not subscribed
134
service option temporarily out of order
148
unspecified GPRS error
149
PDP authentication failure
150
invalid mobile class
160
DNS resolve failed
161
Socket open failed
171
MMS task is busy now
172
The MMS data is oversize
173
The operation is overtime
174
There is no MMS receiver
175
The storage for address is full
176
Not find the address
177
The connection to network is failed
178
Failed to read push message
179
This is not a push message
180
gprs is not attached
181
tcpip stack is busy
182
The MMS storage is full
183
The box is empty
184
failed to save MMS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More