Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SIM800 Fiches technique(PDF) 343 Page - SIMCom

No de pièce SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIMCOM [SIMCom]
Site Internet  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Fiches technique(HTML) 343 Page - SIMCom

Back Button SIM800 Datasheet HTML 339Page - SIMCom SIM800 Datasheet HTML 340Page - SIMCom SIM800 Datasheet HTML 341Page - SIMCom SIM800 Datasheet HTML 342Page - SIMCom SIM800 Datasheet HTML 343Page - SIMCom SIM800 Datasheet HTML 344Page - SIMCom SIM800 Datasheet HTML 345Page - SIMCom SIM800 Datasheet HTML 346Page - SIMCom SIM800 Datasheet HTML 347Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 343 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
343
2015-08-03
19 Supported Unsolicited Result Codes
19.1 Summary of CME ERROR Codes
Final result code +CME ERROR: <err> indicates an error related to mobile equipment or
network. The operation is similar to ERROR result code. None of the following commands in the
same Command line is executed. Neither ERROR nor OK result code shall be returned.
<err> values used by common messaging commands:
Code of <err>
Meaning
0
phone failure
1
no connection to phone
2
phone-adaptor link reserved
3
operation not allowed
4
operation not supported
5
PH-SIM PIN required
6
PH-FSIM PIN required
7
PH-FSIM PUK required
10
SIM not inserted
11
SIM PIN required
12
SIM PUK required
13
SIM failure
14
SIM busy
15
SIM wrong
16
incorrect password
17
SIM PIN2 required
18
SIM PUK2 required
20
memory full
21
invalid index
22
not found
23
memory failure
24
text string too long
25
invalid characters in text string
26
dial string too long
27
invalid characters in dial string
30
no network service
31
network timeout
32
network not allowed - emergency call only



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More