| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 295 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 295 Page - SIMCom |
|
295 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 295 2015-08-03 14.2.6 AT+SMTPRCPT Set the Email Recipient(TO/CC/BCC) Address and Name AT+SMTPRCPT Set the Email Recipient(TO/CC/BCC) Address and Name Response +SMTPRCPT: (range of supported <rcptType>s),(range of supported <index>s),<rcptAddressLength>,<rcptNameLength> OK Test Command AT+SMTPRCPT=? Parameters See Write Command Response [+SMTPRCPT: <rcptType>,<index>,<rcptAddress>,<rcptName> [<CR><LF>+SMTPRCPT: <rcptType>,<index>,<rcptAddress>, <rcptName>[…]]] OK Read Command AT+SMTPRCPT? Parameter See Write Command Response OK If error is related to ME functionality: ERROR Write Command AT+SMTPRCPT=< rcptType>[,<index> [,<rcptAddress>[,<r cptName>]]] Parameters <rcptType> The type of recipient, the types of TO and CC are used to construct e-mail header in the field:”To:” or “Cc:”. 0 TO, Normal Recipient. 1 CC, Carbon Copy recipient. 2 BCC, Blind Carbon Copy recipient. <index> Index of the type of recipient, decimal format <rcptAddress> The Email recipient address. <rcptName> The Email recipient name. <rcptAddressLength> The max length of <rcptAddress>. <rcptNameLength> The max length of <rcptName>. Parameter Saving Mode NO_SAVE Max Response Time - Reference Note If only <rcptType> is given, it will delete all items of <rcptType>. If only <rcptType> and <index> are given, it will delete the <index> item of <rcptType>. |