| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 221 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 221 Page - SIMCom |
|
221 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 221 2015-08-03 8.2 Detailed Descriptions of Commands 8.2.1 AT+CIPMUX Start Up Multi-IP Connection AT+CIPMUX Start Up Multi-IP Connection Response +CIPMUX: (0,1) OK Test Command AT+CIPMUX=? Parameters See Write Command Response +CIPMUX: <n> OK Read Command AT+CIPMUX? Parameters See Write Command Response OK Write Command AT+CIPMUX=< n> Parameters <n> 0 Single IP connection 1 Multi IP connection Parameter Saving Mode NO_SAVE Max Response Time - Reference Note Only in IP initial state, AT+CIPMUX=1 is effective; Only when multi IP connection and GPRS application are both shut down, AT+CIPMUX=0 is effective. 8.2.2 AT+CIPSTART Start Up TCP or UDP Connection AT+CIPSTART Start Up TCP or UDP Connection Test Command AT+CIPSTART= ? Response 1) If AT+CIPMUX=0 +CIPSTART: (list of supported <mode>),(<IP address>),(<port>) +CIPSTART: (list of supported <mode>),(<domain name>),(<port>) OK 2) If AT+CIPMUX=1 +CIPSTART: (list of supported <n>),(list of supported <mode>),(<IP address>),(<port>) +CIPSTART: (list of supported <n>),(list of supported <mode>),(<domain |