| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 220 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 220 Page - SIMCom |
|
220 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 220 2015-08-03 8 AT Commands for TCPIP Application Toolkit 8.1 Overview Command Description AT+CIPMUX Start up multi-IP connection AT+CIPSTART Start up TCP or UDP connection AT+CIPSEND Send data through TCP or UDP connection AT+CIPQSEND Select data transmitting mode AT+CIPACK Query previous connection data transmitting state AT+CIPCLOSE Close TCP or UDP connection AT+CIPSHUT Deactivate GPRS PDP context AT+CLPORT Set local port AT+CSTT Start task and set APN, user name, password AT+CIICR Bring up wireless connection with GPRS or CSD AT+CIFSR Get local IP address AT+CIPSTATUS Query current connection status AT+CDNSCFG Configure domain name server AT+CDNSGIP Query the IP address of given domain name AT+CIPHEAD Add an IP head at the beginning of a package received AT+CIPATS Set auto sending timer AT+CIPSPRT Set prompt of ‘>’ when module sends data AT+CIPSERVER Configure module as server AT+CIPCSGP Set CSD or GPRS for connection mode AT+CIPSRIP Show remote IP address and port when received data AT+CIPDPDP Set whether to check state of GPRS network timing AT+CIPMODE Select TCPIP application mode AT+CIPCCFG Configure transparent transfer mode AT+CIPSHOWTP Display transfer protocol in IP head when received data AT+CIPUDPMODE UDP extended mode AT+CIPRXGET Get data from network manually AT+CIPSCONT Save TCPIP application context AT+CIPRDTIMER Set remote delay timer AT+CIPSGTXT Select GPRS PDP context AT+CIPTKA Set TCP keepalive parameters |