| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 183 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 183 Page - SIMCom |
|
183 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 183 2015-08-03 Parameter Saving Mode AT&W_SAVE Max Response Time - Reference Note The default value is : <mode>,<timer_on>,<timer_off> 1,64,800 2,64,3000 3,64,300 6.2.49 AT+CBUZZERRING Use the Buzzer Sound as the Incoming Call Ring AT+CBUZZERRING Use the Buzzer Sound as the Incoming Call Ring Response +CBUZZERRING: <mode> OK Read Command AT+CBUZZER RING? Parameter See Write Command Response OK ERROR Write Command AT+CBUZZER RING=<mode> Parameter <mode> 0 Disable the function of using buzzer sound as the incoming call ring 1 Enable the function of using buzzer sound as the incoming call ring Parameter Saving Mode AT&W_SAVE Max Response Time - Reference Note This buzzer function is depending on the hardware. 6.2.50 AT+CEXTERNTONE Close or Open the Microphone AT+CEXTERNTONE Close or Open the Microphone Response +CEXTERNTONE: (0,1) OK Test Command AT+CEXTERN TONE=? Parameters See Write Command |