Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SIM800 Fiches technique(PDF) 182 Page - SIMCom

No de pièce SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIMCOM [SIMCom]
Site Internet  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Fiches technique(HTML) 182 Page - SIMCom

Back Button SIM800 Datasheet HTML 178Page - SIMCom SIM800 Datasheet HTML 179Page - SIMCom SIM800 Datasheet HTML 180Page - SIMCom SIM800 Datasheet HTML 181Page - SIMCom SIM800 Datasheet HTML 182Page - SIMCom SIM800 Datasheet HTML 183Page - SIMCom SIM800 Datasheet HTML 184Page - SIMCom SIM800 Datasheet HTML 185Page - SIMCom SIM800 Datasheet HTML 186Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 182 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
182
2015-08-03
Amount of arfcn to be set. Up to 3 arfcn supported.
<locked arfcn list>
Arfcn needs to be locked by user.
Scope: (0-124), (128-251), (512-885) or (975-1023).
Parameter Saving
Mode
AUTO_SAVE
Max
Response
Time
-
Reference
Note
6.2.48 AT+SLEDS
Set the Timer Period of Net Light
AT+SLEDS Set the Timer Period of Net Light
Response
+SLEDS: (1-3),(0,40-65535),(0,40-65535)
OK
Test Command
AT+SLEDS=?
Parameters
See Write Command
Response
+SLEDS: <mode>,<timer_on>,<timer_off>
OK
Read Command
AT+SLEDS?
Parameters
See Write Command
Response
OK
ERROR
Write Command
AT+SLEDS=<m
ode>,<timer_on>
,<timer_off>
Parameters
<mode>
1 Set the timer period of net light while SIM800 series does not
register to the network
2 Set the timer period net light while SIM800 series has already
registered to the network
3 Set the timer period net light while SIM800 series is in the state of
PPP communication
<timer_on>
Timer period of "LED ON" in decimal format which range is 0 or
40-65535(ms)
<timer_off>
Timer period of “LED OFF” in decimal format which range is 0 or
40-65535(ms)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More