| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 157 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 157 Page - SIMCom |
|
157 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 157 2015-08-03 OK ERROR If error is related to ME functionality: +CME ERROR: <err> AT+CCVM=<vm number>[,<alpha string>] Parameters <vm number> String type,The voice mail number to write to the SIM <alpha string> String type,The alpha-string to write to the SIM Parameter Saving Mode AUTO_SAVE Max Response Time - Reference Note 6.2.17 AT+CBAND Get and Set Mobile Operation Band AT+CBAND Get and Set Mobile Operation Band Response +CBAND: (list of supported <op_band>s) OK Test Command AT+CBAND=? Parameter See Write Command Response +CBAND: <op_band>[,<ALL_BAND>] OK Read Command AT+CBAND? Parameter See Write Command Response OK If error is related to ME functionality: +CME ERROR: <err> Write Command AT+CBAND=<o p_band> Parameter <op_band> A string parameter which indicate the operation band. And the following strings should be included in quotation marks. EGSM_MODE PGSM_MODE DCS_MODE GSM850_MODE PCS_MODE EGSM_DCS_MODE |