| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 161 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 161 Page - SIMCom |
|
161 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 161 2015-08-03 6.2.21 AT+CENG Switch on or off Engineering Mode AT+CENG Switch on or off Engineering Mode Response TA returns the list of supported modes. +CENG: (list of supported <mode>s),(list of supported <Ncell>s) OK Test Command AT+CENG=? Parameters See Write Command Read Command AT+CENG? Response Engineering Mode is designed to allow a field engineer to view and test the network information received by a handset, when the handset is either in idle mode or dedicated mode (that is: with a call active). In each mode, the engineer is able to view network interaction for the "serving cell" (the cell the handset is currently registered with) or for the neighboring cells. TA returns the current engineering mode. The network information including serving cell and neighboring cells are returned. <cell> carry with them corresponding network interaction. +CENG: <mode>,<Ncell> [+CENG: <cell>,"<bcch>,<rxl>,<rxq>,<mcc>,<mnc>,<bsic>,<cellid> ,<rla>, <txp>,<lac>,<TA>[<dbm>,<c1>,<c2>,<tch>,<ts>,<maio>,<hsn>,<rxq_s ub>,<rxq_full>,<ch_mod>]"<CR><LF>+CENG: <cell>,"<bcch>,<rxl>,<bsic>[,<cellid>,]<mcc>,<mnc>,<lac>"…] OK if <mode>=3 +CENG: <mode>,<Ncell> [+CENG: <cell>,<mcc>,<mnc>,<lac>,<cellid>,<bsic>,<rxl><CR><LF>+CENG: <cell>,<mcc>,<mnc>,<lac>,<cellid>,<bsic>,<rxl>…] OK if <mode>=4 +CENG: <mode>,<Ncell> [+CENG: |