| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 153 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 153 Page - SIMCom |
|
153 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 153 2015-08-03 0 Disable 1 Enable Unsolicited Result Code When "get local timestamp" function is enabled, the following URC may be reported if network sends the message to the MS to provide the MS with subscriber specific information. 1. Refresh network name by network: *PSNWID: "<mcc>", "<mnc>", "<full network name>", <full network name CI>, "<short network name>",<short network name CI> 2. Refresh time and time zone by network: This is UTC time, the time queried by AT+CCLK command is local time. *PSUTTZ: <year>, <month>, <day>, <hour>, <min>, <sec>, "<time zone>", <dst> 3. Refresh network time zone by network: +CTZV: "<time zone>" 4. Refresh Network Daylight Saving Time by network: DST: <dst> Parameters <mcc> String type; mobile country code <mnc> String type; mobile network code <full network name> String type; name of the network in full length. <full network name CI> Integer type; indicates whether to add CI. 0 The MS will not add the initial letters of the Country's Name to the text string. 1 The MS will add the initial letters of the Country's Name and a separator (e.g. a space) to the text string. <short network name> String type; abbreviated name of the network <short network name CI> Integer type; indicates whether to add CI. 0 The MS will not add the initial letters of the Country's Name to the text string. 1 The MS will add the initial letters of the Country's Name and a separator (e.g. a space) to the text string. <year> 4 digits of year (from network) <month> Month (from network) <day> Day (from network) <hour> Hour (from network) <min> Minute (from network) <sec> Second (from network) |