| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 156 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 156 Page - SIMCom |
|
156 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 156 2015-08-03 Reference Note 6.2.15 AT+CSPN Get Service Provider Name from SIM AT+CSPN Get Service Provider Name from SIM Response +CSPN: <spn>,<display mode> OK If error is related to ME functionality: +CME ERROR: <err> Read Command AT+CSPN? Parameters <spn> String type(string should be included in quotation marks); service provider name on SIM <display mode> 0 Not display PLMN. Already registered on PLMN 1 Display PLMN Parameter Saving Mode NO_SAVE Max Response Time - Reference Note CME errors occur if SIM is not inserted. 6.2.16 AT+CCVM Get and Set the Voice Mail Number on the SIM AT+CCVM Get and Set the Voice Mail Number on the SIM Response +CCVM: maximum length of field <vm number>, maximum length of field <alpha string> OK Test Command AT+CCVM=? Parameters See Write Command Response If voice mail number is not set: OK If voice mail number is set: +CCVM: <vm number>[,<alpha string>] OK Read Command AT+CCVM? Parameters See Write Command Write Command Response |