| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 151 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 151 Page - SIMCom |
|
151 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 151 2015-08-03 6.2.9 AT+CDSCB Reset Cell Broadcast AT+CDSCB Reset Cell Broadcast Execution Command AT+CDSCB Response OK Parameter Saving Mode NO_SAVE Max Response Time - Reference Note Please also refer to AT+CSCB. 6.2.10 AT+CMOD Configure Alternating Mode Calls AT+CMOD Configure Alternating Mode Calls Response +CMOD: (0) OK Test Command AT+CMOD=? Parameters See Write Command Response +CMOD: <mode> OK Read Command AT+CMOD? Parameters See Write Command Response OK ERROR Write Command AT+CMOD=[<m ode>] Parameters <mode> 0 Only single mode is supported Parameter Saving Mode NO_SAVE Max Response Time - Reference Note 6.2.11 AT+CFGRI Indicate RI When Using URC AT+CFGRI Indicate RI When Using URC Test Command Response |