| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 106 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 106 Page - SIMCom |
|
106 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 106 2015-08-03 OK If error is related to ME functionality: +CME ERROR: <err> Parameters See Write Command Response OK If error is related to ME functionality: +CME ERROR: <err> Write Command AT+CMUT=<n> Parameters <n> 0 Mute off 1 Mute on Parameter Saving Mode NO_SAVE Max Response Time - Reference 3GPP TS 27.007 [13] Note Only during a call this command can be set successfully. 3.2.50 AT+CPUC Price Per Unit and Currency Table AT+CPUC Price Per Unit and Currency Table Test Command AT+CPUC=? Response OK Response +CPUC: <currency>,<ppu> OK If error is related to ME functionality: +CME ERROR: <err> Read Command AT+CPUC? Parameters See Write Command Response OK +CME ERROR: <err> Write Command AT+CPUC=<cur rency>,<ppu>[,< passwd>] Parameters <currency> String type (string should be included in quotation marks); three-character currency code (e.g. "GBP", "DEM");character set as specified by "AT+CSCS" command <ppu> String type (string should be included in quotation marks); price |