| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 105 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 105 Page - SIMCom |
|
105 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 105 2015-08-03 Response +CLVL: (list of supported <level>s) OK If error is related to ME functionality: +CME ERROR: <err> Test Command AT+CLVL=? Parameters See Write Command Response +CLVL: <level> OK If error is related to ME functionality: +CME ERROR: <err> Read Command AT+CLVL? Parameter See Write Command Response OK If error is related to ME functionality: +CME ERROR: <err> Write Command AT+CLVL=<leve l> Parameters <level> 0-100 Integer type value with manufacturer specific range (smallest value represents the lowest sound level). Parameter Saving Mode AUTO_SAVE Max Response Time - Reference 3GPP TS 27.007 [13] Note 3.2.49 AT+CMUT Mute Control AT+CMUT Mute Control Response +CMUT: (list of supported <n>s) OK Test Command AT+CMUT=? Parameters See Write Command Read Command AT+CMUT? Response +CMUT: <n> |