| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 103 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 103 Page - SIMCom |
|
103 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 103 2015-08-03 Response OK If error is related to ME functionality: +CME ERROR: <err> Write Command AT+CALM=<mo de> Parameters <mode> 0 Normal mode 1 Silent mode (all sounds from ME are prevented) Parameter Saving Mode NO_SAVE Max Response Time - Reference 3GPP TS 27.007 [13] Note If CALM is set to silent mode before, when user sets CALM to normal mode during an incoming call, the module maintains silent this time. But next time the normal mode works. 3.2.46 AT+CALS Alert Sound Select AT+CALS Alert Sound Select Response +CALS: (list of supported <n>s),(list of supported <switch>s) OK If error is related to ME functionality: +CME ERROR: <err> Test Command AT+CALS=? Parameters See Write Command Response +CALS: <n>,<switch> OK If error is related to ME functionality: +CME ERROR: <err> Read Command AT+CALS? Parameters See Write Command Response OK If error is related to ME functionality: +CME ERROR: <err> Write Command AT+CALS=<n>[, <switch>] Parameters <n> 0-19 Alert sound type <switch> 0 stop playing ring tone 1 start to play ring tone |