| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 102 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 102 Page - SIMCom |
|
102 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 102 2015-08-03 Response +CSIM: <length>,<response> OK If error is related to ME functionality: +CME ERROR: <err> Write Command AT+CSIM=<leng th>,<Command> Parameters <length> Integer type: length of characters sent to the TE in <Command> or <response> (i.e. twice the number of octets in the raw data). <Command> String type (string should be included in quotation marks): hex format: GSM 11.11 SIM Command sent from the ME to the SIM. <response> String type(string should be included in quotation marks): hex format: GSM 11.11 response from SIM to <Command>. Parameter Saving Mode NO_SAVE Max Response Time - Reference 3GPP TS 27.007 [13] Note 3.2.45 AT+CALM Alert Sound Mode AT+CALM Alert Sound Mode Response +CALM: (list of supported <mode>s) OK If error is related to ME functionality: +CME ERROR: <err> Test Command AT+CALM=? Parameters See Write Command Response +CALM: <mode> OK If error is related to ME functionality: +CME ERROR: <err> Read Command AT+CALM? Parameters See Write Command |