Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

HCS08 Fiches technique(PDF) 152 Page - Motorola, Inc

No de pièce HCS08
Description  Microcontrollers
PDF  290 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  MOTOROLA [Motorola, Inc]
Site Internet  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

HCS08 Fiches technique(HTML) 152 Page - Motorola, Inc

Back Button HCS08 Datasheet HTML 148Page - Motorola, Inc HCS08 Datasheet HTML 149Page - Motorola, Inc HCS08 Datasheet HTML 150Page - Motorola, Inc HCS08 Datasheet HTML 151Page - Motorola, Inc HCS08 Datasheet HTML 152Page - Motorola, Inc HCS08 Datasheet HTML 153Page - Motorola, Inc HCS08 Datasheet HTML 154Page - Motorola, Inc HCS08 Datasheet HTML 155Page - Motorola, Inc HCS08 Datasheet HTML 156Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 290 page
background image
Keyboard Interrupt (KBI) Module
MC9S08GB/GT
152
MOTOROLA
A falling edge is detected when an enabled keyboard input signal is seen as a logic 1 (the deasserted level)
during one bus cycle and then a logic 0 (the asserted level) during the next cycle.
A rising edge is detected when the input signal is seen as a logic 0 during one bus cycle and then a logic 1
during the next cycle.
The KBIMOD control bit can be set to reconfigure the detection logic so that it detects edges and levels.
In KBIMOD = 1 mode, the KBF status flag becomes set when an edge is detected (when one or more
enabled pins change from the deasserted to the asserted level while all other enabled pins remain at their
deasserted levels), but the flag is continuously set (and cannot be cleared) as long as any enabled keyboard
input pin remains at the asserted level. When the MCU enters stop mode, the synchronous edge-detection
logic is bypassed (because clocks are stopped). In stop mode, KBI inputs act as asynchronous
level-sensitive inputs so they can wake the MCU from stop mode.
9.4.3 KBI Interrupt Controls
The KBF status flag becomes set (1) when an edge event has been detected on any KBI input pin. If
KBIE = 1 in the KBISC register, a hardware interrupt will be requested whenever KBF = 1. The KBF flag
is cleared by writing a 1 to the keyboard acknowledge (KBACK) bit.
When KBIMOD = 0 (selecting edge-only operation), KBF is always cleared by writing 1 to KBACK.
When KBIMOD = 1 (selecting edge-and-level operation), KBF cannot be cleared as long as any keyboard
input is at its asserted level.
9.5 KBI Registers and Control Bits
This section provides information about all registers and control bits associated with the KBI modules.
Refer to the direct-page register summary in the Memory section of this data sheet for the absolute address
assignments for all KBI registers. This section refers to registers and control bits only by their names. A
Motorola-provided equate or header file is used to translate these names into the appropriate absolute
addresses.
9.5.1 KBI Status and Control Register (KBISC)
Figure 9-4 KBI Status and Control Register (KBISC)
Bit 7
654321
Bit 0
Read:
KBEDG7
KBEDG6
KBEDG5
KBEDG4
KBF
0
KBIE
KBIMOD
Write:
KBACK
Reset:
00000000
= Unimplemented or Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL



ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Lien vers la fiche technique    |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com