| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 331 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 331 Page - SIMCom |
|
331 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 331 2015-08-03 Parameters No Parameter Response OK or ERROR or +CME ERROR: <err> Execution Command AT+CMMSTERM No Parameter Parameter Saving Mode NO_SAVE Max Response Time - Reference Note When exiting the MMS function, this command must be executed. 15.2.25 AT+CMMSSCONT Save MMS Context AT+CMMSSCONT Save MMS Context Response OK Test Command AT+CMMSSCONT =? Parameters See Execution Command Response +CMMSSCONT: <mode> +CMMSCID: <value> +CMMSCURL: <mmscurl> +CMMSUA: <UA> +CMMSPROFILE: <UAProfile> +CMMSPROTO: <Gateway>,<Port> +CMMSSENDCFG:<valid>,<pri>,<sendrep>,<readrep>,<visible>,< class>,<subctrl>,<notifyskip> +CMMSTIMEOUT: <Send timeout>,<Recv timeout> OK Read Command AT+CMMSSCONT ? Parameters See Execution Command Response OK Execution Command AT+CMMSSCONT Parameters |