| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 330 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 330 Page - SIMCom |
|
330 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 330 2015-08-03 MMS_SENDING MMS_RECEIVING MMS_RECEIVED MMS_READING MMS_READING_PUSH Parameter Saving Mode NO_SAVE Max Response Time - Reference Note 15.2.23 AT+CMMSINIT Initialize MMS Function AT+CMMSINIT Initialize MMS Function Response OK Test Command AT+CMMSINIT=? Parameters No Parameter Response OK or ERROR or +CME ERROR: <err> Execution Command AT+CMMSINIT No Parameter Parameter Saving Mode NO_SAVE Max Response Time - Reference Note When first entering the MMS function, this command must be executed. 15.2.24 AT+CMMSTERM Exit MMS Function AT+CMMSTERM Exit MMS Function Test Command AT+CMMSTERM= ? Response OK |