| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 335 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 335 Page - SIMCom |
|
335 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 335 2015-08-03 17 AT Commands for RECORD Application 17.1 Overview Command Description AT+CREC Record operation AT+CRECORD Record and send data to UART 17.2 Detailed Descriptions of Commands 17.2.1 AT+CREC Record Operation AT+CREC Record Operation Response +CREC: (1-n),(1-10) OK Test Command AT+CREC=? Parameters See Write Command Response +CREC: <status> OK Read Command AT+CREC? Parameters <status> 0 idle state 1 recording state 2 playing state Write Command AT+CREC=<mo de>,[<id>] Response OK 1) mode=1,start record AT+CREC=1,<id>,<form>,[<time>][,<location>],[<quality>],[<input path>] OK 2) mode=2,stop record AT+CREC=2 OK +CREC: 2,<id>,<form>,<time>,<len> |