Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SIM800 Fiches technique(PDF) 248 Page - SIMCom

No de pièce SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIMCOM [SIMCom]
Site Internet  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Fiches technique(HTML) 248 Page - SIMCom

Back Button SIM800 Datasheet HTML 244Page - SIMCom SIM800 Datasheet HTML 245Page - SIMCom SIM800 Datasheet HTML 246Page - SIMCom SIM800 Datasheet HTML 247Page - SIMCom SIM800 Datasheet HTML 248Page - SIMCom SIM800 Datasheet HTML 249Page - SIMCom SIM800 Datasheet HTML 250Page - SIMCom SIM800 Datasheet HTML 251Page - SIMCom SIM800 Datasheet HTML 252Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
248
2015-08-03
8.2.30 AT+CIPTKA
Set TCP Keepalive Parameters
AT+CIPTKA
Set TCP Keepalive Parameters
Response
+CIPTKA: (list of supported <mode>s),(list of supported
<keepIdle>s),(list of supported <keepInterval>),(list of
supported <keepCount>s)
OK
Test Command
AT+CIPTKA=?
Parameters
See Write Command
Response
+CIPTKA: <mode>,<keepIdle>,<keepInterval>,<keepCount>
OK
Read Command
AT+CIPTKA?
Parameters
See Write Command
Response
OK
If error is related to ME functionality:
ERROR
Write Command
AT+CIPTKA=
<mode>[,<keepI
dle>[,<keepInter
val>[,<keepCoun
t>]]]
Parameters
<mode>
Set TCP keepalive option.
0 Disable TCP keep alive mechanism
1 Enable TCP keep alive mechanism
<keepIdle>
Integer type; Idle time (in second) before TCP send the
initial keepalive probe.
30-7200
Default: 7200
<keepInterval>
Interval time (in second) between keepalive probes
retransmission.
30-600
Default: 75
<keepCount>
Integer
type;
Maximum
number
of
keepalive
probes to be sent.
1-9
Default: 9
Reference
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More