| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 204 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 204 Page - SIMCom |
|
204 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 204 2015-08-03 6.2.75 AT+SIMTIMER Modify the Poll Interval Time Requested by SIM Card AT+SIMTIMER Modify the Poll Interval Time Requested by SIM Card Response +SIMTIMER: (1-26) OK Test Command AT+SIMTIMER =? Parameters See Write Command Response +SIMTIMER: <time> OK Read Command AT+SIMTIMER ? Parameters See Write Command Response OK ERROR Write Command AT+SIMTIMER =<time> Parameters <time> 1-26 second Parameter Saving Mode AT&W_SAVE Max Response Time - Reference Note 6.2.76 AT+SPE Speech Enhancement Control AT+SPE Speech Enhancement Control Response +SPE: (0,1) OK Test Command AT+SPE=? Parameters See Write Command Response +SPE: <n> OK Read Command AT+SPE? Parameters See Write Command |