| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 199 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 199 Page - SIMCom |
|
199 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 199 2015-08-03 +CMNRP: (0-1) OK AT+CMNRP=? Parameters See Write Command Response +CMNRP: <mode> OK Read Command AT+CMNRP? Parameters See Write Command Response OK ERROR Write Command AT+CMNRP=< mode> Parameters <mode> 0 Disable dual serial port 1 Enable dual serial port Parameter Saving Mode AT&W_SAVE Max Response Time - Reference Note Please refer to SIM800 Series_Serial Port_Application Note.doc. Part of the projects supported by this AT command, please refer to chapter 21 for details. 6.2.69 AT+CEGPRS Switch on or off EDGE AT+CEGPRS Switch on or off EDGE Response +CEGPRS: (0,1) , (2,4,8,9,10,12) OK Test Command AT+CEGPRS=? Parameters See Write Command Response +CEGPRS: <switch>[,<class>] OK Read Command AT+CEGPRS? Parameters See Write Command Write Command Response |