| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 177 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 177 Page - SIMCom |
|
177 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 177 2015-08-03 +ECHO: (0,1),(0-65535),(0-65535),(0-65535),(0-65535),(0,1) OK AT+ECHO=? Parameters See Write Command Response +ECHO: (<mic0>,<nlp0>, <aec0>,<nr0>, <ns0>),(<micn>,<nlpn>, <aecn>,<nrn>, <nsn>) OK Read Command AT+ECHO? Parameters See Write Command Response OK If error is related to ME functionality: +CME ERROR: <err> Write Command AT+ECHO=<mi c>,<nlp>,<aec>,< nr>,<ns>[,<state >] Parameters <mic> Audio channel 0 Main audio handset channel 1 Main audio handfree channel <nlp> Nonlinear processing remove residual echo and background noise <aec> Acoustic echo cancellation <nr> Noise reduction <ns> Noise suppression <state> Enable or disable to close echo algorithm 0 Echo algorithm be closed 1 Echo algorithm be actived Parameter Saving Mode AUTO_SAVE Max Response Time - Reference Note For this command, please refer to actual model. The default state the echo echo algorithm be actived, and the read command is not displayed. 6.2.43 AT+CAAS Control Auto Audio Switch AT+CAAS Control Auto Audio Switch Test Command AT+CAAS=? Response +CAAS: (0-2) |