| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 174 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 174 Page - SIMCom |
|
174 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 174 2015-08-03 6.2.37 AT+CDEVICE View Current Flash Device Type AT+CDEVICE View Current Flash Device Type Read Command AT+CDEVICE? Response Device Name: Current flash device type OK Parameter Saving Mode NO_SAVE Max Response Time - Reference V.25ter Note 6.2.38 AT+CCALR Call Ready Query AT+CCALR Call Ready Query Response +CCALR: (list of supported <mode>s) OK Test Command AT+CCALR=? Parameter <mode> A numeric parameter which indicates whether the module is ready for phone call. 0 Module is not ready for phone call 1 Module is ready for phone call Response ME returns the status of result code presentation and an integer <n> which shows whether the module is currently ready for phone call. +CCALR: <mode> OK Read Command AT+CCALR? Parameter See Test Command Parameter Saving Mode NO_SAVE Max Response Time - Reference Note 6.2.39 AT+GSV Display Product Identification Information AT+GSV Display Product Identification Information |