| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 175 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 175 Page - SIMCom |
|
175 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 175 2015-08-03 Execution Command AT+GSV Response TA returns product information text Example: SIMCOM_Ltd SIMCOM_SIM800H Revision: 1308B01SIM800H32 OK Parameter Saving Mode NO_SAVE Max Response Time - Reference Note 6.2.40 AT+SGPIO Control the GPIO AT+SGPIO Control the GPIO Response +SGPIO: (0-1),(1-7),(0-1),(0-1) OK Test Command AT+SGPIO=? Parameters See Write Command Response OK ERROR Write Command AT+SGPIO=<ope ration>,<GPIO>, <function>,<level > Parameters <Operation> 0 Set the GPIO function including the GPIO output. 1 Read the GPIO level. Please note that only when the gpio is set as input, user can use parameter 1 to read the GPIO level, otherwise the module will return "ERROR". <GPIO> The GPIO you want to be set. (It has relations with the hardware, please refer to the hardware manual) <function> Only when <Operation> is set to 0, this option takes effect. 0 Set the GPIO to input. 1 Set the GPIO to output <level> 0 Set the GPIO low level 1 Set the GPIO high level Parameter Saving Mode NO_SAVE |