| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 162 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 162 Page - SIMCom |
|
162 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 162 2015-08-03 <cell>,"<bcch>,<rxl>,<rxq>,<mcc>,<mnc>,<bsic>,<cellid> ,<rla>, <txp>,<lac>,<TA>,<dbm>,<c1>,<c2>,<tch>,<ts>,<maio>,<hsn>,<rxq_s ub>,<rxq_full>,<ch_mod>"<CR><LF>+CENG: <cell>,"<bcch>,<rxl>,<bsic>,<cellid>,<mcc>,<mnc>,<lac>,<c1>,<c2>" …] OK Parameters See Write Command Response Switch on or off engineering mode. It will report +CENG: (network information) automatically if <mode>=2. OK ERROR Write Command AT+CENG=<mo de>[,<Ncell>] Parameters <mode> 0 Switch off engineering mode 1 Switch on engineering mode 2 Switch on engineering mode, and activate the URC report of network information 3 Switch on engineering mode, with limited network information 4 Switch on engineering mode, with extern information <Ncell> 0 Un-display neighbor cell ID 1 Display neighbor cell ID If <mode> = 3, ignore this parameter. <cell> 0 The serving cell 1-6 The index of the neighboring cell <arfcn> Absolute radio frequency channel number, in decimal format <bcch> ARFCN(Absolute radio frequency channel number) of BCCH carrier, in decimal format <rxl> Receive level, in decimal format <rxq> Receive quality, in decimal format <mcc> Mobile country code, in decimal format <mnc> Mobile network code, in decimal format <bsic> Base station identity code, in decimal format <cellid> Cell id, in hexadecimal format <lac> Location area code, in hexadecimal format <rla> Receive level access minimum, in decimal format <txp> Transmit power maximum CCCH, in decimal format <TA> Timing Advance, in decimal format <dbm> Receiving level in dBm <c1> C1 value <c2> C2 value <tch> ARFCN of the TCH carrier, in decimal format |