| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 144 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 144 Page - SIMCom |
|
144 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 144 2015-08-03 AT+CPSPWD Change PS super password AT+EXUNSOL Enable or disable proprietary unsolicited indications AT+CGMSCLASS Change GPRS multislot class AT+CDEVICE View current flash device type AT+CCALR Call ready query AT+GSV Display product identification information AT+SGPIO Control the GPIO AT+SPWM Generate the pulse-width-modulation AT+ECHO Echo cancellation control AT+CAAS Control auto audio switch AT+SVR Configure voice coding type for voice calls AT+GSMBUSY Reject incoming call AT+CEMNL Set the list of emergency number AT*CELLLOCK Set the list of ARFCN which needs to be locked AT+SLEDS Set the timer period of net light AT+CBUZZERRING Use the buzzer sound as the incoming call ring AT+CEXTERNTONE Close or open the microphone AT+CNETLIGHT Close the net light or open it to shining AT+CWHITELIST Set the white list AT+CSDT Switch on or off detecting SIM card AT+CSMINS SIM inserted status reporting AT+CSGS Netlight indication of GPRS status AT+CMICBIAS Close or open the MICBIAS AT+DTAM Set TTS and record play mode in call AT+SJDR Set jamming detection fuction AT+CPCMCFG Set PCM parameter AT+CPCMSYNC Set PCM sync parameter AT+CANT Antenna detecting AT+CAGCSET Close or open AGC function AT+SD2PCM SD and PCM switch function AT+SKPD Keypad detecting function AT+SIMTONEX Custom tones AT+CROAMING Roaming state AT+CNETSCAN Performing a net survey to show all the cells’ information AT+CMNRP Dual serial port feature AT+CEGPRS Switch on or off EDGE AT+CGPIO Control the GPIO by PIN index AT+CMEDPLAY Play audio file |