Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SIM800 Fiches technique(PDF) 145 Page - SIMCom

No de pièce SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIMCOM [SIMCom]
Site Internet  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Fiches technique(HTML) 145 Page - SIMCom

Back Button SIM800 Datasheet HTML 141Page - SIMCom SIM800 Datasheet HTML 142Page - SIMCom SIM800 Datasheet HTML 143Page - SIMCom SIM800 Datasheet HTML 144Page - SIMCom SIM800 Datasheet HTML 145Page - SIMCom SIM800 Datasheet HTML 146Page - SIMCom SIM800 Datasheet HTML 147Page - SIMCom SIM800 Datasheet HTML 148Page - SIMCom SIM800 Datasheet HTML 149Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
145
2015-08-03
AT+CMEDIAVOL
Control the volume when playing audio file
AT+SNDLEVEL
Set the sound level of special AT command
AT+ECHARGE
Charge control
AT+SIMTIMER
Modify the poll interval time requested by SIM card
AT+SPE
Speech enhancement control
AT+CCONCINDEX
Report concatenated SMS index
AT+SDMODE
SD and PCM switch function
AT+SRSPT
Control SMS retransmission
6.2 Detailed Descriptions of Commands
6.2.1 AT+SIDET
Change the Side Tone Gain Level
AT+SIDET
Change the Side Tone Gain Level
Response
+SIDET: (list of supported <channel>s),(list of supported <gainlevel>s)
OK
Test Command
AT+SIDET=?
Parameters
See Write Command
Response
+SIDET: (<channel0>,<gainlevel0>),…, (<channeln>,<gainleveln>)
OK
Read Command
AT+SIDET?
Parameters
See Write Command
Response
OK
ERROR
Write Command
AT+SIDET=<ch
annel>,<gainleve
l>
Parameters
<channel>
0 Main audio channel
1
Aux audio channel
2
Main audio channel hand free mode
3
Aux audio channel hand free mode
<gainlevel>
Int: 0-16
Parameter Saving
Mode
AUTO_SAVE
Max
Response
Time
-
Reference
Note
<gainleveln> value of read command is related to <channel> specific.
Scope of parameter <channel> is different among SIM800 series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More