Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SIM800 Fiches technique(PDF) 140 Page - SIMCom

No de pièce SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIMCOM [SIMCom]
Site Internet  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Fiches technique(HTML) 140 Page - SIMCom

Back Button SIM800 Datasheet HTML 136Page - SIMCom SIM800 Datasheet HTML 137Page - SIMCom SIM800 Datasheet HTML 138Page - SIMCom SIM800 Datasheet HTML 139Page - SIMCom SIM800 Datasheet HTML 140Page - SIMCom SIM800 Datasheet HTML 141Page - SIMCom SIM800 Datasheet HTML 142Page - SIMCom SIM800 Datasheet HTML 143Page - SIMCom SIM800 Datasheet HTML 144Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
140
2015-08-03
ERROR
command>
Parameters
<command>
STK DTMF command
0
Trigger modem to send STK DTMF
4
Trigger modem to send STK DTMF but icon cannot be
displayed
32
ME currently unable to process command
Parameter
Saving
Mode
NO_SAVE
Max Response Time -
Reference
Note
Above are the possible terminal response value needed to be responded by
application.It’s modem’s responsibility to response for other terminal
response value.
5.2.8 +STKPCI
STK Proactive Command Indication
+STKPCI
STK Proactive Command Indication
+STKPCI: <pci_type>[,<proactive_command>,…]
Parameter
<pci_type>
-0 The SAT command is handled by TE.
-1 The SAT command is handled by ME.
-2 No other command (end of session)
<proactive command>
-DISPLAY TEXT,<Command Qualifier>,<text string>
-GET INKEY, <Command Qualifier>,<text string>
-GET INPUT, <Command Qualifier>,<text string>,<Min length>,<Max
length>
-PLAY TONE,<alpha id>,<tone>,<Time unit>,<Time interval>
-SET UP MENU,<the number of item>,<alpha id>
-SELECT ITEM, <the number of item>,<alpha id>
-ITEM,<index>,<id>,<item string>
-SEND SHORT MESSAGE,<alpha id>,<addr>,<sms tpdu>
-SEND SS,<alpha id>,<ss string>
-SEND USSD,<alpha id>,<ussd string>
-SETUP CALL,<alpha id>,<addr>
-SET UP IDLE MODE TEXT,<text string>
-SEND DTMF,<alpha id>,<dtmf string>.
If <alpha id> = 0, the alpha id is null
If <addr> = 0, the addr is null
Parameter Saving
Mode
NO_SAVE



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More