| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 138 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 138 Page - SIMCom |
|
138 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 138 2015-08-03 Max Response Time - Reference Note According to spec 11.14, 0x12 ("No response from user") is not a possible terminal response value for STK CALLSETUP. So we will translate 0x12("No response from user") to 0x20 ("ME currently unable to process this command"). 5.2.4 AT+STKSMS STK SMS delivery AT+STKSMS STK SMS delivery Response OK Test Command AT+STKSMS=? Parameter See Write Command Write Command AT+STKSMS=<co mmand> Response OK ERROR Parameter <command> stk sms command 0 Trigger modem to send STK SMS 4 Trigger modem to send STK SMS but icon cannot be displayed Parameter Saving Mode NO_SAVE Max Response Time - Reference Note Above are the possible terminal response value needed to be responded by application. It’s modem’s responsibility to response for other terminal response value 5.2.5 AT+STKSS STK SS setup AT+STKSS STK SS setup Response OK Test Command AT+STKSS=? Parameter See Write Command Write Command AT+STKSS=<com mand> Response OK ERROR Parameter <command> stk ss command 0 Trigger modem to send STK SS 4 Trigger modem to send STK SS but icon cannot be |