| Moteur de recherche de fiches techniques de composants électroniques |
|
SIM800 Fiches technique(PDF) 135 Page - SIMCom |
|
|
|||||||||||||||||||||||||||||
SIM800 Fiches technique(HTML) 135 Page - SIMCom |
|
135 / 380 page ![]() Smart Machine Smart Decision SIM800 Series_AT Command Manual_V1.09 135 2015-08-03 5 AT Commands for SIM Application Toolkit 5.1 Overview Command Description AT+STKTRS This command is used to send STK terminal response AT+STKENVS This command is used to send STK envelope command AT+STKCALL Trigger STK call AT+STKSMS Trigger STK SMS AT+STKSS Trigger STK SS AT+STKUSSD Trigger STK USSD AT+STKDTMF Trigger STK DTMF +STKPCI This unsolicited result code is used to indicate proactive command Indication. AT+STKMENU Show STK main menu AT+STKPCIS Switch STK URC string 5.2 Detailed Descriptions of Commands 5.2.1 AT+STKTRS STK Terminal Response AT+STKTRS STK Terminal Response. Response +STKTRS: <result_length>,<text_length> OK Test Command AT+STKTRS=? Parameter See Write Command Response OK Read Command AT+STKTRS? Write Command AT+STKTRS=<re sult>[,<text>] Response OK ERROR |