Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SIM800 Fiches technique(PDF) 132 Page - SIMCom

No de pièce SIM800
Description  SIM800 Series AT Command Manual
PDF  380 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SIMCOM [SIMCom]
Site Internet  https://www.simcom.com
Logo SIMCOM - SIMCom

SIM800 Fiches technique(HTML) 132 Page - SIMCom

Back Button SIM800 Datasheet HTML 128Page - SIMCom SIM800 Datasheet HTML 129Page - SIMCom SIM800 Datasheet HTML 130Page - SIMCom SIM800 Datasheet HTML 131Page - SIMCom SIM800 Datasheet HTML 132Page - SIMCom SIM800 Datasheet HTML 133Page - SIMCom SIM800 Datasheet HTML 134Page - SIMCom SIM800 Datasheet HTML 135Page - SIMCom SIM800 Datasheet HTML 136Page - SIMCom Next Button
Zoom Inzoom in Zoom Outzoom out
 132 / 380 page
background image
Smart Machine Smart Decision
SIM800 Series_AT Command Manual_V1.09
132
2015-08-03
Time
Reference
3GPP TS 27.005
Note
4.2.15 AT+CSMP
Set SMS Text Mode Parameters
AT+CSMP
Set SMS Text Mode Parameters
Response
+CSMP: (list of supported <fo>s),(list of supported <vp>s),(list of
supported <pid>s),(list of supported <dcs>s)
OK
Test Command
AT+CSMP=?
Parameters
See Write Command
Response
+CSMP: <fo>,<vp>,<pid>,<dcs>
OK
Read Command
AT+CSMP?
Parameters
See Write Command
Response
TA selects values for additional parameters needed when SM is sent to the
network or placed in a storage when text mode is selected (+CMGF=1). It is
possible to set the validity period starting from when the SM is received by
the SMSC (<vp> is in range 0... 255) or define the absolute time of the
validity period termination (<vp> is a string).
Note: The Command writes the parameters in NON-VOLATILE memory.
OK
Write Command
AT+CSMP=[<fo
>[,<vp>,<pid>,<
dcs>]]
Parameters
<fo>
Depending on the command or result code: first octet of GSM
03.40 SMS-DELIVER, SMS-SUBMIT (default 17),
SMS-STATUS-REPORT, or SMS-COMMAND (default 2) in integer
format. SMS status report is supported under text mode if <fo> is set to 49.
<vp>
Depending on SMS-SUBMIT <fo> setting: GSM 03.40
TP-Validity-Period either in integer format (default 167) or in time-string
format (refer <dt>)
<pid>
GSM 03.40 TP-Protocol-Identifier in integer format (default 0).
<dcs>
GSM 03.38 SMS Data Coding Scheme in Integer format.
Parameter Saving
Mode
NO_SAVE
Max
Response
Time
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More