Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STLC5466 Fiches technique(PDF) 100 Page - STMicroelectronics

No de pièce STLC5466
Description  64 CHANNEL-MULTI HDLC WITH N X 64KB/S SWITCHING MATRIX ASSOCIATED
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5466 Fiches technique(HTML) 100 Page - STMicroelectronics

Back Button STLC5466 Datasheet HTML 96Page - STMicroelectronics STLC5466 Datasheet HTML 97Page - STMicroelectronics STLC5466 Datasheet HTML 98Page - STMicroelectronics STLC5466 Datasheet HTML 99Page - STMicroelectronics STLC5466 Datasheet HTML 100Page - STMicroelectronics STLC5466 Datasheet HTML 101Page - STMicroelectronics STLC5466 Datasheet HTML 102Page - STMicroelectronics STLC5466 Datasheet HTML 103Page - STMicroelectronics STLC5466 Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 130 page
background image
STLC5466
100/130
1.3
Memory obtained with 2M x 8 SDRAM circuit
The Address bits delivered by the Multi-HDLC for 2M x n SDRAM circuits are:
ADM11 for Bank select corresponding with A21 delivered by the
µP
ADM0/10 for Row address inputs corresponding with A10/20 delivered by the
µP
ADM0/8 for Column address inputs corresponding with A1/9delivered by the
µP
Figure 1-23: First example, 8Mx16 SDRAM memory organisation
Signals
A23
A22
Signals
A0
NLDS
NUDS
NCE3
1
1
NCE2
1
0
NCE1
0
1
UDQM
1
0
1
NCE0
0
0
LDQM
0
1
0
0
7
NCE2
NCE1
NCE0
LDQM
UDQM
NCE3
1
2
6
4
5
3
DM0/7
DM8/15
ADM0/11, NWE, NRAS, NCAS,
MCLK are connected to each circuit
2M x 8 circuit: two banks
1Mbyte by bank
2M x16 with 2 circuits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More