Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STLC5466 Fiches technique(PDF) 102 Page - STMicroelectronics

No de pièce STLC5466
Description  64 CHANNEL-MULTI HDLC WITH N X 64KB/S SWITCHING MATRIX ASSOCIATED
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5466 Fiches technique(HTML) 102 Page - STMicroelectronics

Back Button STLC5466 Datasheet HTML 98Page - STMicroelectronics STLC5466 Datasheet HTML 99Page - STMicroelectronics STLC5466 Datasheet HTML 100Page - STMicroelectronics STLC5466 Datasheet HTML 101Page - STMicroelectronics STLC5466 Datasheet HTML 102Page - STMicroelectronics STLC5466 Datasheet HTML 103Page - STMicroelectronics STLC5466 Datasheet HTML 104Page - STMicroelectronics STLC5466 Datasheet HTML 105Page - STMicroelectronics STLC5466 Datasheet HTML 106Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 130 page
background image
STLC5466
102/130
1.3.0.2 Memory obtained with 4M x 16 SDRAM circuit:
The Address bits delivered by the Multi-HDLC for 4M x n SDRAM circuits are:
ADM12/13 for Bank select corresponding with A21/22 delivered by the
µP
ADM0/11 for Row address inputs corresponding with A9/20 delivered by the
µP
ADM0/7 for Column address inputs corresponding with A1/8 delivered by the
µP
Figure 1-25: Third example, 8Mx16 SDRAM memory organisation
Signals
A23
Signals
A0
NLDS
NUDS
NCE1
1
UDQM
1
0
1
NCE0
0
LDQM
0
1
0
7
NCE0
LDQM
UDQM
NCE1
6
4
5
DM0/7
DM8/15
ADM0/13, NWE, NRAS, NCAS,
MCLK are connected to each circuit
4M x16 circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More