Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STLC5466 Fiches technique(PDF) 91 Page - STMicroelectronics

No de pièce STLC5466
Description  64 CHANNEL-MULTI HDLC WITH N X 64KB/S SWITCHING MATRIX ASSOCIATED
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STLC5466 Fiches technique(HTML) 91 Page - STMicroelectronics

Back Button STLC5466 Datasheet HTML 87Page - STMicroelectronics STLC5466 Datasheet HTML 88Page - STMicroelectronics STLC5466 Datasheet HTML 89Page - STMicroelectronics STLC5466 Datasheet HTML 90Page - STMicroelectronics STLC5466 Datasheet HTML 91Page - STMicroelectronics STLC5466 Datasheet HTML 92Page - STMicroelectronics STLC5466 Datasheet HTML 93Page - STMicroelectronics STLC5466 Datasheet HTML 94Page - STMicroelectronics STLC5466 Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 130 page
background image
91/130
STLC5466
Figure 1-9: GCI channel to/from ISDN channel
TDM side
PCM at 2 Mb/s
m: ISDN channel
number, 0 to 9
If TDM at 4 Mb/s
odd timeslot
or even timeslot
can be selected
TS3m
B1
B1
B1
B1
B1
B1
B1
B1
B1
TS3m+1
B2
B2
B2
B2
B2
B2
B2
B2
TS3m+2
D
D
A
E
S1
S2
S3
S4
GCI side
n: GCI channel
number, 0 to 7
B1
TS4n
B1
B1
B1
B1
B1
B1
B1
B1
B2
TS4n+1
B2
B2
B2
B2
B2
B2
B2
M1
TS4n+2
M2
M3
M4
M5
M6
M7
M8
D
TS4n+3
D
C1
C2
C3
C4
A
E
SCRAMBLER /
DESCRAMBLER
SCRAMBLER /
DESCRAMBLER
Six bit word
Primitive
Command Indicate controllers
RX
TX
Monitor controllers
TX
RX
C/I interrupt
Queue located in
shared memory
Microprocessor
MON interrupt
Queue located in
shared memory



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More